PART |
Description |
Maker |
1SS190 |
Small Package Low forward voltage :VF(3) = 0.92 V(Typ.) Small Total Capacitance :CT = 2.2pF(Typ.)
|
TY Semiconductor Co., Ltd
|
BAR63-02W Q62702-A1211 BAR6302W |
Silicon PIN Diode (PIN diode for high speed switching of RF signals/ Low forward resistance/ small capacitance small inductance) Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PS7802-1A-F4 PS7802-1A PS7802 PS7802-1A-F3 PS78021 |
邻舍4针超小型平引脚,低输出电1通道光学耦合MOSFET A6595 SOIC LED Driver IC; Driver Type:LED; Package/Case:16-QFN; Leaded Process Compatible:Yes; No. of Drivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Output Current Max:150mA; Output Current Min:10mA; Output Voltage Max:3V RoHS Compliant: Yes 1.3 OHM SERIAL INPUT DMOS DRIVER NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC Corp. NEC[NEC]
|
BSS89 Q62702-S619 Q62702-S385 Q62702-S519 |
Capacitor Kit;Contents Of Kit:16 different capacitance values, 20 pcs. per value 300 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) SIPMOS小信号晶体管(N通道增强模式的逻辑电平
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MT2LDT432HG-6X MT2LDT432HG-5X MT4LDT832HG-5XS MT2L |
SMALL-OUTLINE DRAM MODULE 小外形DRAM模块 Silver Mica Capacitor; Capacitance:1200pF; Capacitance Tolerance: 5%; Series:CDV30; Voltage Rating:1500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No 小外形DRAM模块
|
Micron Technology, Inc.
|
ATCC-211B-016-106 ATCC-211B-025-475 ATCC-211B-004- |
Meets EIA-535BAAC standard, Large capacitance in small size
|
Abracon Corporation
|
PS7801K-1A-F3-A PS7801K-1A-A PS7801K-1A-F3 PS7801K |
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
|
NEC
|
PS7801D-1A1 PS7801D-1A-F3-A PS7801D-1A-F3 PS7801D- |
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
|
NEC
|
PS7801K-1A-A PS7801K-1A-F3-A |
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
|
Duracell California Eastern Labs
|
225MHBS45K2H 505MHBS45K2J 505MHBS45K2H 225MHBS50K2 |
Small size - High voltage ?High Capacitance Small size - High voltage ?High Capacitance
|
Illinois Capacitor, Inc...
|